PART |
Description |
Maker |
EDI88257C EDI88257C/LP-C EDI88256C70CC EDI88256C70 |
70ns; 5V power supply; 256K x 18 monolithic SRAM 60MHz Rail-to-Rail Input-Output Op Amps; Temperature Range: -40°C to 85°C; Package: 8-HMSOP T&R 256Kx8 Monolithic SRAM(256Kx8 CMOS单片静态RAM(存取时0500ns
|
White Electronic Designs Corporation
|
M27V401 |
4 Mbit (512Kb x 8) Low Voltage UV EPROM and OTP EPROM(4Mb低压UV EPROM和OTP EPROM)
|
意法半导
|
AT27C512RNBSP AT27C512R AT27C512R-70JA AT27C512R-1 |
x16 EPROM x16存储 x8 EPROM From old datasheet system 512K EPROM
|
Atmel, Corp. Atmel Corp
|
M27W512 M27W512-100B6TR M27W512-100F6TR M27W512-10 |
4 Mbit 256Kb x16 Low Voltage UV EPROM and OTP EPROM Hex D-Type Positive-Edge-Triggered Flip-Flops With Clear 16-SOIC 0 to 70 512 Kbit 64Kb x8 Low Voltage UV EPROM and OTP EPROM 512千位64Kb的x8低压紫外线EPROM和检察官办公室存储器
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
M27V800-150XM1TR M27V800 M27V800-100B1TR M27V800-1 |
NND - 8 MBIT (1MB X8 OR 512KB X16) LOW VOLTAGE UV EPROM AND OTP EPROM 8 Mbit 1Mb x8 or 512Kb x16 Low Voltage UV EPROM and OTP EPROM 8兆x812KB的x16低压紫外线可擦写可编程只读存储器和OTP存储 512 Kbit 64Kb x8 Low Voltage UV EPROM and OTP EPROM
|
SGS Thomson Microelectronics STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
4376 M27V401 M27V401-200B1TR M27V401-200B6TR M27V4 |
4 Mbit 512Kb x8 Low Voltage UV EPROM and OTP EPROM 4兆位512KB的x8低压紫外线EPROM和检察官办公室存储器 2.5-V/3.3-V 16-Bit Bus Transceiver With 3-State Outputs 56-BGA MICROSTAR JUNIOR -40 to 85 4兆位512KB的x8低压紫外线EPROM和检察官办公室存储器 2.5-V/3.3-V 32-Bit Buffers/Drivers With 3-State outputs 96-LFBGA -40 to 85 Quadruple 2-Input Positive-NAND Gates 14-SOIC 0 to 70 2.5-V/3.3-V 16-Bit Bus Transceiver With 3-State Outputs 48-TSSOP -40 to 85 4 Mbit (512Kb x8) Low Voltage UV EPROM and OTP EPROM From old datasheet system 4 Mbit 512Kb x8 or 256Kb x16 UV EPROM and OTP EPROM
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
ST62E01C ST62E01CD1 ST6201CB1 ST6201CB3 ST6203CB6 |
(ST62T00C / ST62T01C / ST62T03C / ST62E01C) 8-BIT OTP/EPROM MCUs IC-8-BIT MCU 1K EPROM 8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, OSCILLATOR SAFEGUARD, SAFE RESET AND 16 PINS 8位检察官办公存储器与阿微控制 D转换器,振荡器保障,安全复位16个引
|
ST Microelectronics 意法半导 STMicroelectronics N.V.
|
M27W201 M27W201-100B6TR M27W201-100F6TR M27W201-10 |
1 Mbit 64Kb x16 Low Voltage UV EPROM and OTP EPROM 2 Mbit 256Kb x 8 Low Voltage UV EPROM and OTP EPROM
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
M27V801 |
8Mbit (1Mb x 8) Low Voltage UV EPROM and OTP EPROM(8M位低压可紫外擦除EPROM和一次可编程EPROM)
|
意法半导
|
M27W201 |
2Mbit (256Kb x 8) Low Voltage OTP EPROM(2Mb低压OTP EPROM)
|
意法半导
|
C167CR-16F SAFC167CR-16F SAF-C167CR-16F |
16-Bit CMOS Single-Chip Microcontroller with 128KByte Flash EPROM 16位CMOS单芯片微控制器,带有128K字节的Flash EPROM
|
Siemens Semiconductor Group SIEMENS AG
|
AT27LV512ANBSP AT27LV512A AT27LV512A-70RI AT27LV51 |
x8 EPROM From old datasheet system 512K bit, 3-Volt EPROM
|
Atmel Corp
|